Part Number Hot Search : 
2SA19 HT46R48 2022BVM8 8535EA NCS2200 A6800 25Q64FV 04023
Product Description
Full Text Search
 

To Download MRF19060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF19060 Rev. 9, 5/2006
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for PCN and PCS base station applications with frequencies from 1900 to 2000 MHz. Suitable for CDMA, TDMA, GSM and multicarrier amplifier applications. * Typical CDMA Performance: 1960 MHz, 26 Volts IS - 95 CDMA Pilot, Sync, Paging, Traffic Codes 8 Through 13 Output Power -- 7.5 Watts Power Gain -- 12.5 dB Adjacent Channel Power -- 885 kHz: - 47 dBc @ 30 kHz BW 1.25 MHz: - 55 dBc @ 12.5 kHz BW 2.25 MHz: - 55 dBc @ 1 MHz BW * Capable of Handling 10:1 VSWR, @ 26 Vdc, 1960 MHz, 60 Watts CW Output Power Features * Internally Matched for Ease of Use * High Gain, High Efficiency and High Linearity * Integrated ESD Protection * Designed for Maximum Gain and Insertion Phase Flatness * Excellent Thermal Stability * Characterized with Series Equivalent Large - Signal Impedance Parameters * Available with Low Gold Plating Thickness on Leads. L Suffix Indicates 40 Nominal. * RoHS Compliant * In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 Inch Reel.
MRF19060LR3 MRF19060LSR3
1930- 1990 MHz, 60 W, 26 V LATERAL N - CHANNEL RF POWER MOSFETs
CASE 465 - 06, STYLE 1 NI - 780 MRF19060LR3
CASE 465A - 06, STYLE 1 NI - 780S MRF19060LSR3
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Case Operating Temperature Operating Junction Temperature Symbol VDSS VGS PD Tstg TC TJ Value - 0.5, +65 - 0.5, +15 180 1.03 - 65 to +150 150 200 Unit Vdc Vdc W W/C C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Symbol RJC Value 0.97 Unit C/W
Table 3. ESD Protection Characteristics
Test Conditions Human Body Model Machine Model Class 1 (Minimum) M3 (Minimum)
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF19060LR3 MRF19060LSR3 1
RF Device Data Freescale Semiconductor
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Drain- Source Breakdown Voltage (VGS = 0 Vdc, ID = 10 Adc) Zero Gate Voltage Drain Current (VDS = 26 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 300 Adc) Gate Quiescent Voltage (VDS = 26 Vdc, ID = 500 mAdc) Drain- Source On - Voltage (VGS = 10 Vdc, ID = 2 Adc) Dynamic Characteristics Reverse Transfer Capacitance (1) (VDS = 26 Vdc, VGS = 0, f = 1 MHz) Functional Tests (In Freescale Test Fixture, 50 ohm system) Two - Tone Common - Source Amplifier Power Gain (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) Two - Tone Drain Efficiency (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) 3rd Order Intermodulation Distortion (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) Input Return Loss (VDD = 26 Vdc, Pout = 60 W PEP, IDQ = 500 mA, f = 1930 MHz and 1990 MHz, Tone Spacing = 100 kHz) Pout, 1 dB Compression Point (VDD = 26 Vdc, Pout = 60 W CW, f = 1990 MHz) 1. Part is internally matched both on input and output. Gps 11 12.5 -- dB Crss -- 2.7 -- pF VGS(th) VGS(Q) VDS(on) 2 2.5 -- -- 3.9 0.27 4 4.5 -- V V V V(BR)DSS IDSS IGSS 65 -- -- -- -- -- -- 6 1 Vdc Adc Adc Symbol Min Typ Max Unit
33
36
--
%
IMD
--
- 31
- 28
dBc
IRL
--
- 12
--
dB
P1dB
--
60
--
W
MRF19060LR3 MRF19060LSR3 2 RF Device Data Freescale Semiconductor
R4 VGG + + C1 C2 R2 C3 C4 C5 R1 R3 + C6 B2 C7 C8 B3 VDD +
Z9
Z10
Z11 RF INPUT Z1 Z2 C10 C9 Z3 Z4 Z5 Z6 Z7 Z8 DUT
Z12
Z13
Z14
Z15
Z16 C11
Z17
Z18
RF OUTPUT
C12
B2 - B3 C1 C2, C7 C3, C8 C4 C5 C6 C9 C10, C11 C12 R1 R2 R3 R4 Z1 Z2 Z3
Ferrite Beads, Fair Rite, 2743019447 10 F, 50 V Electrolytic Capacitor, Panasonic #ECEV1HV100R 1000 pF Chip Capacitors, ATC #100B102JCA500X 0.10 F Chip Capacitors, Kemet #CDR33BX104AKWS 5.1 pF Chip Capacitor, ATC #100B5R1JCA500X 6.2 pF Chip Capacitor, ATC #100B6R2JCA500X 22 F, 35 V Tantalum Capacitor, SMT, Sprague 0.8 pF - 8.0 pF Variable Capacitor, Johanson Gigatrim 10 pF Chip Capacitors, ATC #100B100JCA500X 0.4 pF - 2.5 pF Variable Capacitor, Johanson Gigatrim 1 k, 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 560 k, 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 15 , 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 10 , 1/4 W Fixed Film Chip Resistor, 0.08 x 0.13 0.580 x 0.074 Microstrip 0.100 x 0.074 Microstrip 0.384 x 0.074 Microstrip
Z4 Z5 Z6 Z7 Z8 Z9 Z10 Z11 Z12 Z13 Z14 Z15 Z16 Z17 Z18 Board
0.152 x 0.140 Microstrip 0.090 x 0.102 Microstrip 0.245 x 0.217 Microstrip 0.090 x 0.737 Microstrip 0.530 x 0.941 Microstrip 1.010 x 0.050 Microstrip 1.060 x 0.050 Microstrip 0.446 x 1.137 Microstrip 0.152 x 0.567 Microstrip 0.183 x 0.220 Microstrip 0.100 x 0.338 Microstrip 0.480 x 0.142 Microstrip 0.140 x 0.080 Microstrip 0.173 x 0.080 Microstrip 0.420 x 0.080 Microstrip 0.030 Glass Teflon(R) Arlon GX - 0300- 55- 22, 2 oz Cu
Figure 1. MRF19060L Test Circuit Schematic
MRF19060LR3 MRF19060LSR3 RF Device Data Freescale Semiconductor 3
TO GATE BIAS FEEDTHRU
C1 C2 R2
R1 R3 C3 C4
C5 R4 C7
C6 B2 B3 C8
TO DRAIN BIAS FEEDTHRU
C9
C10
C11
C12
MRF19060 Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have no impact on form, fit or function of the current product.
Figure 2. MRF19060L Test Circuit Component Layout
MRF19060LR3 MRF19060LSR3 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
, DRAIN EFFICIENCY (%), G ps , POWER GAIN (dB) IRL, INPUT RETURN LOSS (dB) IMD, INTERMODULATION DISTORTION (dBc) 40 35 30 25 20 15 10 5 0 1900 1920 IRL VDD = 26 Vdc Pout = 60 W (PEP), IDQ = 500 mA Two-Tone Measurement, 100 kHz Tone Spacing Gps IMD 0 -5 -10 -15 -20 -25 -30 -35 2000 -40 2020 , DRAIN EFFICIENCY (%), G ps , POWER GAIN (dB) 45 VDD = 26 Vdc IDQ = 700 mA, f = 1960 MHz, Channel Spacing (Channel Bandwidth): 885 kHz (30 kHz), 1.25 MHz (12.5 kHz), 2.25 MHz (1 MHz) 2.25 MHz -60 885 kHz 1.25 MHz Gps CDMA 9 Channels Forward Pilot:0, Paging:1, Traffic:8-13, Sync:32 4 12 8 16 Pout, OUTPUT POWER (WATTS Avg.) CDMA -70 -80 -90 -100 20 -20 -30 -40 -50 ADJACENT CHANNEL POWER RATIO (dB) IMD, INTERMODULATION DISTORTION (dBc)
40 35
30
25 20
15 10 5
1940 1960 1980 f, FREQUENCY (MHz)
Figure 3. Class AB Broadband Circuit Performance
Figure 4. CDMA ACPR, Power Gain and Drain Efficiency versus Output Power
-25 IMD, INTERMODULATION DISTORTION (dBc) IMD, INTERMODULATION DISTORTION (dBc) -30 -35 -40 -45 -50 -55 -60 -65 0.1 10 1.0 Pout, OUTPUT POWER (WATTS) PEP 100 500 mA 700 mA VDD = 26 Vdc f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing 900 mA
-20 -30 -40 3rd Order -50 -60 -70 -80 0.1 5th Order 7th Order VDD = 26 Vdc IDQ = 700 mA, f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing
1.0 10 Pout, OUTPUT POWER (WATTS) PEP
100
Figure 5. Intermodulation Distortion versus Output Power
Figure 6. Intermodulation Products versus Output Power
14 900 mA G ps , POWER GAIN (dB) 13 700 mA
13.5 Pout = 60 W (PEP), IDQ = 500 mA f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing
-22 -24 -26 -28
13 G ps , POWER GAIN (dB)
12
500 mA
12.5
Gps
-30 -32
IMD 12
11
VDD = 26 Vdc f = 1960 MHz Two-Tone Measurement, 100 kHz Tone Spacing 1.0 10 100
-34 -36
10 0.1
11.5 22
24
26
28
30
-38 32
Pout, OUTPUT POWER (WATTS) PEP
VDD, DRAIN VOLTAGE (VOLTS)
Figure 7. Power Gain versus Output Power
Figure 8. Power Gain and Intermodulation Distortion versus Supply Voltage
MRF19060LR3 MRF19060LSR3 RF Device Data Freescale Semiconductor 5
Zo = 2
Zload f = 1930 MHz 1990 MHz
1990 MHz Zsource f = 1930 MHz
VDD = 26 V, IDQ = 500 mA, Pout = 60 W PEP f MHz 1930 1960 1990 Zsource 1.65 - j0.67 1.64 - j0.45 1.60 - j0.20 Zload 1.85 + j0.50 1.89 + j0.74 1.96 + j0.94
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 9. Series Equivalent Source and Load Impedance
MRF19060LR3 MRF19060LSR3 6 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
B G
1 2X
Q bbb
M
TA
M
B
M
3 (FLANGE)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DELETED 4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. DIM A B C D E F G H K M N Q R S aaa bbb ccc INCHES MIN MAX 1.335 1.345 0.380 0.390 0.125 0.170 0.495 0.505 0.035 0.045 0.003 0.006 1.100 BSC 0.057 0.067 0.170 0.210 0.774 0.786 0.772 0.788 .118 .138 0.365 0.375 0.365 0.375 0.005 REF 0.010 REF 0.015 REF MILLIMETERS MIN MAX 33.91 34.16 9.65 9.91 3.18 4.32 12.57 12.83 0.89 1.14 0.08 0.15 27.94 BSC 1.45 1.70 4.32 5.33 19.66 19.96 19.60 20.00 3.00 3.51 9.27 9.53 9.27 9.52 0.127 REF 0.254 REF 0.381 REF
B
2
K
D bbb
M
TA
M
B
M
M
(INSULATOR)
R
M
(LID)
bbb N H
(LID)
M
TA
B
M
ccc
M
TA
M
B
M
S
M
(INSULATOR)
ccc C
TA
M
B
M
aaa
M
TA
M
B
M
F E A
(FLANGE)
A
T
SEATING PLANE
CASE 465 - 06 ISSUE G NI - 780 MRF19060LR3
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
4X U (FLANGE)
B
1
4X Z (LID)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1994. 2. CONTROLLING DIMENSION: INCH. 3. DELETED 4. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. DIM A B C D E F H K M N R S U Z aaa bbb ccc INCHES MIN MAX 0.805 0.815 0.380 0.390 0.125 0.170 0.495 0.505 0.035 0.045 0.003 0.006 0.057 0.067 0.170 0.210 0.774 0.786 0.772 0.788 0.365 0.375 0.365 0.375 --- 0.040 --- 0.030 0.005 REF 0.010 REF 0.015 REF MILLIMETERS MIN MAX 20.45 20.70 9.65 9.91 3.18 4.32 12.57 12.83 0.89 1.14 0.08 0.15 1.45 1.70 4.32 5.33 19.61 20.02 19.61 20.02 9.27 9.53 9.27 9.52 --- 1.02 --- 0.76 0.127 REF 0.254 REF 0.381 REF
(FLANGE)
B
2
2X
K
D bbb
M
TA
M
B
M
N
(LID)
R
M
(LID)
ccc M H
3
TA
M
B
M
ccc aaa
M
TA TA
M
B B
M
(INSULATOR)
S
M
(INSULATOR) M
bbb C
M
TA
B
M
M
M
F T
SEATING PLANE
STYLE 1: PIN 1. DRAIN 2. GATE 5. SOURCE
E A
(FLANGE)
A
CASE 465A - 06 ISSUE H NI - 780S MRF19060LSR3
MRF19060LR3 MRF19060LSR3 RF Device Data Freescale Semiconductor 7
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800- 521- 6274 or +1 - 480- 768- 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or 303 - 675- 2140 Fax: 303 - 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF19060LR3 MRF19060LSR3 8Rev. 9, 5/2006
Document Number: MRF19060
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF19060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X